Part Number Hot Search : 
HT82D20A 114YKA SB1100 1G86A 60506 1460361 ISL625 UPR10E3
Product Description
Full Text Search
 

To Download SF806G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 210 - sf801g thru sf808g 8.0 amps. glass passivated super fast rectifiers voltage range 50 to 600 volts current 8.0 amperes features low forward voltage drop high current capability high reliability high surge current capability mechanical data case: molded plastic epoxy: ul 94v-o rate flame retardant terminals: leads solderable per mil-std- 202, method 208 guaranteed polarity: as marked high temperature soldering guaranteed: 260 o c/10 seconds .16?,(4.06mm) from case. weight: 2.24 grams to-220 dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol sf 801g sf 802g sf 803g sf 804g sf 805g sf 806g sf 807g sf 808g units maximum recurrent peak reverse voltage v rrm 50 100 150 200 300 400 500 600 v maximum rms voltage v rms 35 70 105 140 210 280 350 480 v maximum dc blocking voltage v dc 50 100 150 200 300 400 500 600 v maximum average forward rectified current .375 (9.5mm) lead length @t c = 100 i (av) 8.0 a peak forward sur g e current, 8.3 ms sin g le half sine-wave superimposed on rated load (jedec method ) i fsm 125 a maximum instantaneous forward voltage @ 4.0a v f 0.975 1.3 1.7 v maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =100 i r 10.0 400 ua ua maximum reverse recovery time (note 1) trr 35 ns typical junction capacitance (note 2) cj 70 50 pf typical thermal resistance (note 3) r jc 3.0 /w operating temperature range t j -65 to +150 storage temperature range t stg -65 to +150 notes: 1. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 2. measured at 1 mhz and applied reverse voltage of 4.0 v d.c. 3. thermal resistance from junction to case mounted on heatsink. size of 2 in x 3 in x 0.25 in, al-plate. pin 1 pin 3 positive ct pin 2 case
-211- ratings and characteristic curves (sf801g thru sf808g) fig.1- reverse recovery time characteristic and test circuit diagram 50  noninductive  non inductive oscilloscope (note 1) pulse generator (note 2) dut (+) 50vdc (approx) (-) notes: 1. rise time=7ns max. input impedance= 1 megohm 22pf 2. rise time=10ns max. sourse impedance= 50 ohms (-) (+) 10  noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm fig.2- maximum forward current derating curve average for ward current . (a) 0 50 100 150 0 2 4 6 8 10 case temperature. ( c) o fig.3- typical reverse characteristics instantaneous reverse current .( a) 0 20 40 60 80 100 120 140 1000 0.1 1.0 10 100 percent of rated peak reverse voltage. (%) tc=25 c 0 tc=100 c 0 fig.4- maximum non-repetitive forward surge current peak for ward surge current . (a) 1 2 5 10 20 100 50 30 120 90 60 number of cycles at 60hz tc=125 c 0 8.3ms single half sine wave jedec method fig.5- typical junction capacitance capacitance.(pf) 15 2 10 20 50 100 200 500 50 60 70 80 90 100 reverse voltage. (v) tj=25 c 0 sf805g~sf808g fig.6- typical forward characteristics instantaneous for ward current . (a) .4 .6 .8 1.0 1.2 1.4 1.6 1.8 .01 0.1 .03 1.0 0.3 10 3.0 30 100 forward voltage. (v) tj=25 c pulse width=300 s 1% duty cycle o sf801g~sf804g sf805g~SF806G sf807g~sf808g sf801g~sf804g


▲Up To Search▲   

 
Price & Availability of SF806G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X